|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0026222071 Active kk 3.96mm (.156") Pitch KK(R) Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 7 Circuits, Gold (Au) Plating Documents: 3D Model Drawing (PDF) Product Specification PS-99020-0087 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72090224 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA TUV General Product Family Series Application Overview Product Name PCB Headers 3190 Wire-to-Board kk KK(R) Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 7 7 Natural No 94V-2 No No None None Brass Gold Gold Nylon 1 Vertical 0.175 In 4.45 mm No None 0.062 In 1.60 mm Bag 0.156 In 3.96 mm 20 0.5 20 0.5 No Partial No 0C to +75C Through Hole Search Parts in this Series 3190Series Mates With 3069 KK(R) Crimp Terminal Housing. 3215 KK(R) PC Board Connector Electrical Current - Maximum per Contact Voltage - Maximum 7A 250V Material Info Old Part Number 319007AG Reference - Drawing Numbers Product Specification PS-99020-0087 This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 26-22-2071 |